Part Number Hot Search : 
SMBFJ10A 2SD2528 1100S RS0204 3VSK7M SML2108 HD14015B PTF10122
Product Description
Full Text Search
 

To Download BZX55C13-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx55 c2v0 thru bzx55c 100 500 mwatt zener diode 2.0v to 100 volts features ? silicon planar power zener diodes ? glass package maximum ratings symbol rating rating unit p d power dissipation500 (2) mw r ja thermal resistance junction to ambient air350 (2)o c/w t j junction temperature -65 to +175 o c t stg storage temperature range - 65 to +175 o c  
 omp onents 20736 marilla street chatsworth       
     mcc do-35 glass dimensions inches mm dim min max min max note a --- .166 --- 4.2 b --- .079 --- 2.00 c --- .020 --- .52 d 1.000 --- 25.40 --- a b c d d cathode m a rk 2. valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components tm micro commercial components www. mccsemi .com 1 of 4 revision: a 2011/01/01 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) ? moisture sensitivity: level 1 note: 1. lead in glass exemption applied, see eu directive annex 5.
bzx55c2v0 thru bzx55 c100 note: (1) measured with pulses tp=5.0ms, bzx55b------2% of v znom, bzx55c------5% of v znom mcc test test reverse reverse part current current current voltage number i zt @i zt @izk i zk i r v r min max ma ohms ohms ma min max na v bzx55c2v0 1.9 2.1 5 100 600 1 -0.09 -0.06 150000 1 bzx55c2v2 2.09 2.31 5 100 600 1 -0.09 -0.06 150000 1 bzx55c2v4 2.28 2.56 5 85 600 1 -0.09 -0.06 50000 1 bzx55c2v7 2.5 2.9 5 85 600 1 -0.09 -0.06 10000 1 bzx55c3v0 2.8 3.2 5 85 600 1 -0.08 -0.05 4000 1 bzx55c3v3 3.1 3.5 5 85 600 1 -0.08 -0.05 2000 1 bzx55c3v6 3.4 3.8 5 85 600 1 -0.08 -0.05 2000 1 bzx55c3v9 3.7 4.1 5 85 600 1 -0.08 -0.05 2000 1 bzx55c4v3 4 4.6 5 75 600 1 -0.06 -0.03 1000 1 bzx55c4v7 4.4 5 5 60 600 1 -0.05 0.02 500 1 bzx55c5v1 4.8 5.4 5 35 550 1 -0.02 0.02 100 1 bzx55c5v6 5.2 6 5 25 450 1 -0.05 0.05 100 1 bzx55c6v2 5.8 6.6 5 10 200 1 0.03 0.06 100 2 bzx55c6v8 6.4 7.2 5 8 150 1 0.03 0.07 100 3 bzx55c7v5 7 7.9 5 7 50 1 0.03 0.07 100 5 bzx55c8v2 7.7 8.7 5 7 50 1 0.03 0.08 100 6.2 bzx55c9v1 8.5 9.6 5 10 50 1 0.03 0.09 100 6.8 bzx55c10 9.4 10.6 5 15 70 1 0.03 0.11 100 7.5 bzx55c11 10.4 11.6 5 20 70 1 0.03 0.11 100 8.2 bzx55c12 11.4 12.7 5 20 90 1 0.03 0.11 100 9.1 bzx55c13 12.4 14.1 5 26 110 1 0.03 0.11 100 10 bzx55c15 13.8 15.6 5 30 110 1 0.03 0.11 100 11 bzx55c16 15.3 17.1 5 40 170 1 0.03 0.11 100 12 bzx55c18 16.8 19.1 5 40 170 1 0.03 0.11 100 13 bzx55c20 18.8 21.2 5 55 220 1 0.03 0.11 100 15 bzx55c22 20.8 23.3 5 55 220 1 0.03 0.11 100 16 bzx55c24 22.8 25.6 5 80 220 1 0.04 0.12 100 18 bzx55c27 25.1 28.9 5 80 220 1 0.04 0.12 100 20 bzx55c30 28 32 5 80 220 1 0.04 0.12 100 22 bzx55c33 31 35 5 80 220 1 0.04 0.12 100 24 bzx55c36 34 38 5 80 220 0.5 0.04 0.12 100 27 bzx55c39 37 41 2.5 90 500 0.5 0.04 0.12 100 30 bzx55c43 40 46 2.5 90 600 0.5 0.04 0.12 100 33 bzx55c47 44 50 2.5 110 700 0.5 0.04 0.12 100 36 bzx55c51 48 54 2.5 125 700 0.5 0.04 0.12 100 39 bzx55c56 52 60 2.5 135 1000 0.5 0.04 0.12 100 43 bzx55c62 58 66 2.5 150 1000 0.5 0.04 0.12 100 47 bzx55c68 64 72 2.5 200 1000 0.5 0.04 0.12 100 51 bzx55c75 70 79 2.5 250 1500 0.5 0.04 0.12 100 56 bzx55c82 77 87 2.5 300 2000 0.5 0.04 0.12 100 62 bzx55c91 85 96 2.5 450 5000 0.1 0.04 0.12 100 68 bzx55c100 94 106 2.5 450 5000 0.1 0.04 0.12 100 75 zener voltage range (1) at i zt v z (v) %/  effective temp. coefficient maximum dynamic resistance mcc tm micro commercial components electrical characteristics @25 c maximum v f =1.5v at i f =200ma . mmi .m 2 rii a 20110101
mcc bzx55c2v0 thru bzx55c 100 tm micro commercial components www. mccsemi .com 3 of 4 revision: a 2011/01/01
mcc tm micro commercial components www. mccsemi .com 4 of 4 revision: a 2011/01/01 part number-tp tape&reel: 10kpcs/reel part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 100kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BZX55C13-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X